PART |
Description |
Maker |
CY7C1051DV33-12ZSXI CY7C1051DV33-12ZSXIT |
8-Mbit (512 K 16) Static RAM
|
Cypress
|
CY7C1049CV33-12ZSXA CY7C1049CV33-12ZSXAT CY7C1049C |
4-Mbit (512 K 8) Static RAM
|
Cypress
|
CY7C1062DV33-10BGIT CY7C1062DV33-10BGXI CY7C1062DV |
16-Mbit (512 K 32) Static RAM
|
Cypress
|
CY62148ESL-55ZAXA CY62148ESL-55ZAXI CY62148ESL10 |
4-Mbit (512 K × 8) Static RAM
|
Cypress Semiconductor
|
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
BBS-15 BBS-1/4 BBS-2/10 BBS-1-8/10 BBS-10 BBS-1-6/ |
72-Mbit QDR-II SRAM 2-Word Burst Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit DDR-II SRAM 2-Word Burst Architecture 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 36-Mbit QDR-II SRAM 4-Word Burst Architecture Fuse 256K (32K x 8) Static RAM 64/256/512/1K/2K/4K x 18 Synchronous FIFOs Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs Neuron® Chip Network Processor 64-Kbit (8K x 8) Static RAM 72-Mbit QDR™-II SRAM 2-Word Burst Architecture 保险
|
NXP Semiconductors N.V.
|
CY62148ELL-55SXA CY62148ELL-45ZSXA CY62148ELL-45ZS |
4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
|
Cypress Semiconductor
|
CY7C1049CV33-15ZSXE CY7C1049CV33-10VXA |
4-Mbit (512 K × 8) Static RAM TTL-compatible inputs and outputs
|
Cypress Semiconductor
|
CY62147DV30L-55BVXE CY62147DV30LL-45BVXI CY62147DV |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AM41PDS3224D |
32 Mbit (2 M x 16-Bit) CMOS 1.8 Volt-only. Simultaneous Operation Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM (Preliminary) 32兆位米16位)的CMOS电压1.8只。同时采取行动,页面模式闪存兆位12x 8-Bit/256x 16位),静态存储器(初步) Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
|
Advanced Micro Devices
|
AM41DL1634DB30IT AM41DL1634DB45IS AM41DL1634DB70IS |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
M41000002M M41000002R M41000002W AM41DL3228GB30IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|